Part Number Hot Search : 
1N5179 S8025M 2N4905 SEMIC BU273 IG0512SA VBC5027D 2SC5245A
Product Description
Full Text Search
 

To Download AT90SC9636R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features general ? high-performance, low-power secureavr ? enhanced risc architecture ? 133 powerful instructions (most executed in a single clock cycle)  low-power idle and power-down modes  bond pad locations conforming to iso 7816-2  esd protection to 6000v  operating range: from 2.7v to 5.5v  compliant with gsm, 3gpp and emv 2000 specifications; pc industry compatible  available in wafers, modules and industry-standard packages memory  96k bytes of rom program memory  36k bytes of eeprom, including 128 otp bytes and 384-byte bit-addressable bytes ? 1 to 128-byte program/erase ? 1 ms program, 1 ms erase ? typically more than 500,000 write/erase cycles at a temperature of 25 o c ? 10 years data retention  eeprom erase only mode  write eeprom with or without autoerase  4k bytes of ram peripherals  iso 7816 controller ? up to 625 kbps at 5 mhz ? compliant with t = 0 and t = 1 protocols  one i/o port  programmable internal oscillator (up to 20 mhz on rom)  two 16-bit timers  random number generator (rng)  2-level, 7-vector interrupt controller  hardware des and triple des dpa resistant  checksum accelerator  crc 16 engine (compliant with iso/iec 3309) security  dedicated hardware for protection against spa/dpa attacks  advanced protection against physical attack  environmental protection systems  voltage monitor  frequency monitor  light protection  secure memory management/access protection (supervisor mode) development tools  voyager emulation platform (atv2 advanced) to support software development  iar systems c-spy debugger or atmel?s avr studio version 4.07 or above  software libraries and application notes secure microcontroller for smart cards AT90SC9636R summary r e v . 1 5 89 a s ? s m i c ? 06/ 0 3 note: this is a summary document. a complete document is available under nda. for more information, please contact your local atmel sales office.
2 AT90SC9636R 1589as?smic?10jun03 description the AT90SC9636R is a low-power, high-performance, 8/16-bit microcontroller with rom program memory, eeprom data memory, based on the secureavr enhanced risc architecture. by executing powerful instructions in a single clock cycle, the AT90SC9636R achieves throughputs close to 1 mips per mhz. its harvard architecture includes 32 general-purpose working register s directly connected to the alu, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. the AT90SC9636R uses a new avr architecture, the secureavr that allows the linear addressing of up to 8m bytes of code and up to 16m bytes of data as well as a number of new functional and security features. the ability to map the eeprom in the code space allows parts of the program memory to be reprogrammed in-system. this technology combined with the versatile 8/16-bit cpu on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. additional security features include power and frequency protection logic, logical scram- bling on program data and addresses, power analysis countermeasures and memory accesses controlled by a supervisor mode. a block diagram of the AT90SC9636R is shown in figure 1. figure 1. AT90SC9636R secureavr enhanced risc architecture instruction decoder program memory instruction register access control general purpose registers x y z status register timer control lines alu eeprom user memory otp pc secure control v cc gnd clk access control in/out 0 data bus 8-bit rng 16 16 16 8 8 8 des dpa counter measures reset circuit rst ram data memory interrupt unit iso 7816 i/o port 0 iso 7816 controller crc and checksum accelerator
printed on recycled paper. atmel ? is a registered trademark of atmel; avr ? is a trademark of atmel. c-spy ? is a registered trademark of iar systems ab. other terms and product names may be the trademark of others. ? atmel corporation 2003. atmel corporation makes no warranty for the use of its products , other than those expressly c ontained in the company?s standard warranty which is detailed in atmel?s terms and conditions located on t he company?s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specificatio ns detailed herein at any time without n otice, and does not make any commitment to update the information contained herei n. no licenses to patents or other intellectual property of at mel are granted by the company in connection with the sale of atmel products, ex pressly or by implication. atmel?s products are not authorized for use as critical components in life support devices or systems. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 487-2600 europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel (41) 26-426-5555 fax (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimhatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel (33) 2-40-18-18-18 fax (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel (33) 4-42-53-60-00 fax (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel (44) 1355-803-000 fax (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel (49) 71-31-67-0 fax (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel (33) 4-76-58-30-00 fax (33) 4-76-58-34-80 e-mail literature@atmel.com web site http://www.atmel.com 1589as?smic?10jun03 /xm


▲Up To Search▲   

 
Price & Availability of AT90SC9636R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X